PART |
Description |
Maker |
5962R9668102VJC 5962R9668101VJC 5962R9668101VXC 59 |
5V Fixed/Adjustable Output, Step-Up Switching Regulators 4-To-16-Line Demultiplexer 46线复用器 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 双通道高效率,低噪声,同步降压型开关稳压器
|
Intersil, Corp. 3M Company
|
UCP-3.3/15-D48S UCP-3.3/15-D24N UCP-3.3/15-D48N UC |
5V STEP-DOWN CURRENT MODE PWM DC-DC CONVERTERS 3 A, 900 kHz, monolithic synchronous step-down regulator 2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L 型DC - DC电压转换 Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator 型DC - DC电压转换
|
TE Connectivity, Ltd.
|
LT3972EDD-PBF LT3972IDD-PBF LT3972EMSE-PBF LT3972E |
33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75µA Quiescent Current, MSOP-10 6.2 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10 33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75μA Quiescent Current
|
Linear Technology, Corp.
|
LM2575 LM2575-3.3 LM2575-ADJ LM2575-12 LM2575T-5 L |
EASY SWITCHERE1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 52 kHz SWITCHING FREQ-MAX, PSFM5 Precision Chopper-Stabilized Advanced LinCMOS(TM) Operational Amplifier 8-SOIC -55 to 125 EASY SWITCHERE?/a> 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
ON Semiconductor Motorola Mobility Holdings, Inc. Motorola, Inc.
|
LTC1735IGN-1TR LTC1735-1-15 |
High Efficiency Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 3 A SWITCHING CONTROLLER, 550 kHz SWITCHING FREQ-MAX, PDSO16 High Efficiency Synchronous Step-Down Switching Regulator
|
Linear Technology, Corp.
|
MC3416705 MC34167TVG MC33167 MC33167D2T MC33167D2T |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 8 A SWITCHING REGULATOR, 81 kHz SWITCHING FREQ-MAX, PSFM5 5.0 A, Step−Up/Down/Inverting Switching Regulators
|
ONSEMI[ON Semiconductor]
|
LTC1628IG-SYNCPBF LTC1628-SYNC-15 |
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator 3 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
LTC3240 LTC3240EDC-2.5 LTC3240EDC-3.3 LTC3240EDC-2 |
3.3V/2.5V Step-Up/Step-Down Charge Pump DC/DC Converter; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.45 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
|
Linear Technology, Corp.
|
ADP1110 ADP1110AN ADP1110AN-12 ADP1110AN-33 ADP111 |
Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
|
AD[Analog Devices]
|
LTC1629 LTC1629C LTC1629I LTC1629C-PG LTC1629CG LT |
PolyPhase, High Efficiency,Synchronous Step-DownSwitching Regulator PolyPhase/ High Efficiency/ Synchronous Step-Down Switching Regulators PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Dual LinCMOS(TM) Timer 14-SOIC
|
Linear Technology Corporation
|
EL7513IWTZ-T7A EL7513IY EL7513IWT-T7 EL7513 EL7513 |
White LED Step-Up Regulator 0.5 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO8 Regulator, Step up, Constant Current Boost for 12 White LEDs, VIN =2.6/13.2V, VOUT =18V Max, 1MHz
|
Intersil, Corp. 稳压 Intersil Corporation
|
LT1765 LT1765-1.8 LT1765-2.5 LT1765-3.3 LT1765-5 |
Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 Monolithic 3A/ 1.25MHz Step-Down Switching Regulator Monolithic 3A, 1.25MHz Step-Down Switching Regulator
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|